Electronic Components Datasheet Search
  English  ▼

X  

ATECC608A Datasheet(PDF) 12 Page - Microchip Technology

Part # ATECC608A
Description  Microchip CryptoAuthentication??Device
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608A Datasheet(HTML) 12 Page - Microchip Technology

Back Button ATECC608A Datasheet HTML 8Page - Microchip Technology ATECC608A Datasheet HTML 9Page - Microchip Technology ATECC608A Datasheet HTML 10Page - Microchip Technology ATECC608A Datasheet HTML 11Page - Microchip Technology ATECC608A Datasheet HTML 12Page - Microchip Technology ATECC608A Datasheet HTML 13Page - Microchip Technology ATECC608A Datasheet HTML 14Page - Microchip Technology ATECC608A Datasheet HTML 15Page - Microchip Technology ATECC608A Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Table 2-6. VIL, VIH on All I/O Interfaces (TTLenable = 0)
Parameter
Symbol
Min.
Typ.
Max.
Unit Conditions
Input Low Voltage
VIL
-0.5
—
0.5
V
When device is active and TTLenable bit in
configuration memory is zero; otherwise, see
above.
Input High Voltage
VIH
1.5
—
VCC + 0.5
V
When device is active and TTLenable bit in
configuration memory is zero; otherwise, see
above.
Figure 2-4. VIH and VIL in Sleep and Idle Mode or When TTLenable = 0 on All I/O Interfaces
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
2
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
VIH_sleep
VIL_sleep
VIH_Act
VIL_Act
When a common voltage is used for the ATECC608A VCC pin and the input pull-up resistor, then the
TTLenable bit should be set to a one, which permits the input thresholds to track the supply as shown in
Figure 2-5.
ATECC608A
Electrical Characteristics
© 2017 Microchip Technology Inc.
Datasheet Summary
DS40001977A-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com