Electronic Components Datasheet Search
  English  ▼

X  

LS1020A Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 21Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 22Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 23Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 24Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 25Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 26Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 27Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 28Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
2-10
Freescale Semiconductor
Figure 2-7. DDR3L memory architecture
2.8
SerDes port
The LS1021A / LS1020A SerDes block provides four high-speed serial communication lanes supporting
a variety of protocols, including:
•
SGMII1.25 / 3.125 Gbps
•
PCI Express (PEX) Gen 11X / 2X / 4X2.5 Gbps
•
PCI Express (PEX) Gen 21X / 2X / 4X5 Gbps
•
SATA1X1.5 / 3 Gbps
An overview of the SerDes protocols supported on LS1021A is shown in Table 2-6.
SerDes lanes are routed through high-speed multiplexers, the CBTL02043A. The multiplexers route
SerDes lanes and connect them to SATA connectors or PCI Express slots for evaluation of PCI Express.
Table 2-6. LS1021A SerDes protocols
2 bits Protocol
SerDes
AB
C
D
0
0
0x10
PCIe1 SATA
PCIe2
0
1
0x20
PCIe1 VeTSec1 PCIe2
VeTsec2
1
0
0x30
PCIe1 SATA
VeTSec1 VeTsec2
1
1
0x70
PCIe1 SATA
PCIe2
VeTsec2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com