Electronic Components Datasheet Search
  English  ▼

X  

LS1020A Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 56Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 57Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 58Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 59Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 60Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 61Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 62Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 63Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 71 page
background image
CPLD System Controller Architecture
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
4-3
Figure 4-2. Reset power sequencing
4.3
CPLD register map
4.3.1
Memory map
CPLD registers are memory mapped to LS1021A using IFC. Table 4-1 lists the peripheral data bus width
and memory map.
Table 4-1. CPLD memory map
4.3.2
BCSR registers map
The BCSR (Board and Control Register) contains many registers that are accessible from device over IFC.
Table 4-2 summarizes the all CPLD registers and Table 4-3 shows a detailed address map description.
Address
CS
Bank size
Device
Data width
Access
0x7fb00000-0x7fb0ffff
CS1
64 KB
CPLD
8-bit
Read/Write
Table 4-2. CPLD BCSR register block map
Base Address
Offset
Access
Type
Register Name
0x00
R
cpld_ver
0x01
R
cpld_ver_sub
0x02
R
pcba_ver
0x03
R/W
system_rst
0x04
R/W
soft_mux_on1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com