Electronic Components Datasheet Search
  English  ▼

X  

LS1020A Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 63Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 64Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 65Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 66Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 67Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 68Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 69Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 70Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 71Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 69 / 71 page
background image
Board Configuration and Debug Support
TWR-LS1021A Reference Manual, Rev. 0
5-4
Freescale Semiconductor
SW2[3]
OFF
RCW Source is SDHC
SDHC RCW_SEL
0 : SDHC disabled (default)
1 : SDHC enabled
SW2[4]
OFF
RCW Source is QSPI
QSPI RCW_SEL
0 : QSPI disabled (default)
1 : QSPI enabled
SW2[5]
ON
Bus select is NOR or QSPI
IFC/QSPI Bus selection
0 : IFC disabled, QSPI enabled
1 : IFC enabled, QSPI disabled (default)
SW2[6]
ON
LVDD&L1VDD selection is
2.5V or 3.3V
LVDD&L1VDD Voltage Selection
0 : 3.3V
1 : 2.5V (default)
SW2[7]
ON
IFC_CS1 or SPI1_PCS0
selection
IFC_CS1/SPI1_PCS0 Selection
0 : IFC_CS1 disabled, SPI1_PCS0 enabled
1 : IFC_CS1 enabled, SPI1_PCS0
disabled (default)
SW2[8]
ON
DIPSW_IN1
SDA_SWD_EN Control
0 : use K20 IO pin to control
SDA_SWD_EN
1 : tied to high to disable MBED connection
(default)
SW3[1]
OFF
96MHz SYSCLK select or not
96MHz SYSCLK Selection
0 : Do not select 96MHz as SYSCLK
(default)
1 : Select 96MHz as SYSCLK
SW3[2]
ON
TEST_SEL_DRV
Drive TEST_SEL signal
0 : Non-compliant mode to support
boundary scan.
1 : JTAG compliant mode (default)
SW3[3]
ON
CLKGEN_FS0
System clock frequency setting
CLKGEN_FS[0:1]
00 = 66.66MHz
01 = 80.00MHz
10 = 100.00MHz (default)
11 = 83.33MHz
SW3[4]
OFF
CLKGEN_FS1
System clock frequency setting
SW3[5]
OFF
NOR Bank Select
BANK_SEL
BANK_SEL
0 : Vbank0 (default)
1 : Vbank1
SW3[6]
OFF
Signal multiplexed selection
MUX_SEL
MUX_SEL
0 : PCIE1,SGMII1,PCIE2,SGMII2, RGMII, CAN3&4,
SAI1&2, LCD, LPUART1 (default)
1 : PCIE1,SATA,PCIE2,SGMII2, RGMII, CAN3&4,
CAN1&2, UCC1&3, SPI2
SW3[7]
OFF
Reserved
Must be 0 [OFF]
SW3[8]
ON
Reserved
Must be 1 [ON]
Switch
Settings
[OFF=0 ON=1]
Option
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com