Electronic Components Datasheet Search
  English  ▼

X  

LT8920 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # LT8920
Description  Long range 2.4GHz Radio Transceiver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LT8920 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button LT8920 Datasheet HTML 13Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 14Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 15Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 16Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 17Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 18Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 19Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 20Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
LT8920 Datasheet V1.1
Page 17
Jan. 2017
Bit No.
Bit Name
Description
6:0
RF_PLL_CH_NO [6:0]
This will be the 7 bit RF channel number.
The on-air frequency will be: f = 2402 +
RF_PLL_CH_NO.
9.4. Register 9
Table 9. Register 9 information
Bit No.
Bit Name
Description
15:12
PA_PWCTR[3:0]
PA current control
11
(Reserved)
(Reserved)
10:7
PA_GN[3:0]
4-bit power amplifier gain setting.
6:0
(Reserved)
(Reserved)
9.5. Register 10
Table 10. Register 10 information
Bit No.
Bit Name
Description
15:1
(Reserved)
(Reserved)
0
XTAL_OSC_EN
1:
Enable crystal oscillator gain block.
0:
Disable crystal oscillator gain block.
9.6. Register 11
Table 11. Register 11 information
Bit No.
Bit Name
Description
15:9
(Reserved)
(Reserved)
8
RSSI_PDN
1: Power down RSSI.
0: RSSI operates normally.
7:0
(Reserved)
(Reserved)
9.7. Register 23
Table 12. Register 23 information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com