Electronic Components Datasheet Search
  English  ▼

X  

LT8920 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # LT8920
Description  Long range 2.4GHz Radio Transceiver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LT8920 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button LT8920 Datasheet HTML 34Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 35Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 36Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 37Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 38Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 39Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 40Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 41Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
LT8920 Datasheet V1.1
Page 38
Jan. 2017
11.8. MCU/Application handles packet length
When Register 41[13]= 0, the 1st byte of the payload data has no special significance. Instead, packet length
depends on Register 41[12].
11.8.1. FW_TERM_TX= 1
If Register 41[12] = 1, the LT8910 framer will continue to compare FIFO write point and FIFO read point
during packet transmission. If MCU/application stops writing data to FIFO, the framer eventually detects that
there is no data to send (FIFO empty), and LT8910 will exit cease transmission automatically. The timing
diagram is shown in Figure below.
Figure 11.
Tx timing when Register 41[13:12]= ‘b01.
PKT and FIFO flags are set as active high.
Write reg 7
SPI_SS
Internal TX on
2us
Tx on delay
PA on delay
Tx package
Internal Tx Data
PKT_flag
FIFO_flag
PKT_flag=1 after Tx packet has been sent
MCU fills FIFO before framer sends trailer bits
FIFO_flag=1 when FIFO is empty
8us
Framer with terminate TX when FIFO
Tx point equals FIFO Rx point
Note: When Register 41[13] = 0 (MCU/application handles packet length), never let FIFO underflow or over flow. FIFO full/empty
thresholds can be controlled via Register 40 FIFO_EMPTY_THRESHOLD and FIFO_FULL_THRESHOLD settings. The best value will
depend on SPI speed, and speed at which MCU/application can stream the data into FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com