Electronic Components Datasheet Search
  English  ▼

X  

LT8920 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LT8920
Description  Long range 2.4GHz Radio Transceiver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LT8920 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LT8920 Datasheet HTML 1Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 2Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 3Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 4Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 5Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 6Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 7Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 8Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
LT8920 Datasheet V1.1
Page 4
Jan. 2017
3. Electrical Characteristics
Table 2. Electrical Characteristics
The following specifications are guaranteed for TA = 25 C, LDO_VDD= VDD_IO = 3.3 VDC, unless otherwise noted.
Parameter
Symbol
MIN
TYP
MAX
Units
Test Condition and Notes
Supply Voltage
DC power supply voltage range
1.9
3.6
VDC`
Input to VDD_IO and LDO_VDD
pins.
Current Consumption
Current Consumption - TX
IDD_TXH
24
mA
POUT =2dBm
IDD_TXL
15
mA
POUT = low power setting
Current Consumption - RX
IDD_RX
18
mA
Current Consumption
–IDLE
IDD_IDLE1
1.4
mA
Configured
for
BRCLK
output
running.
IDD_IDLE2
1.1
mA
Configured for BRCLK output OFF.
Current Consumption - SLEEP
IDD_SLP
6
uA
Digital Inputs
Logic input high
VIH
0.8
VDD_IN
1.2
VDD_IN
V
Logic input low
VIL
0
0.8
V
Input Capacitance
C_IN
10
pF
Input Leakage Current
I_LEAK_IN
10
uA
Digital Outputs
Logic output high
VOH
0.8
VDD_IN
VDD_IN
V
Logic output low
VOL
0.4
V
Output Capacitance
C_OUT
10pF
Output Leakage Current
I_LEAK_OUT
10uA
Rise/Fall Time (SPI)
T_RISE_OUT
5nS
Clock SignalsCLK rise, fall time
(SPI)Tr_spi
25nSRequirement for error-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com