Electronic Components Datasheet Search
  English  ▼

X  

FFB4413D Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FFB4413D
Description  DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FFB4413D Datasheet(HTML) 8 Page - First Silicon Co., Ltd

Back Button FFB4413D Datasheet HTML 3Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 4Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 5Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 6Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 7Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 8Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 9Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 10Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 11Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2014. 12. 06
8/11
Revision No : 0
FFB4413D
TYPICAL TRANSIENT CHARACTERISTICS (Q2 PNP)
I
C , COLLECTOR CURRENT (mA)
Figure 4. Charge Data
REVERSE VOLTAGE (VOLTS)
Figure 3. Capacitance
V
CC = 30 V
I
C / I B = 10
Q T
T
J
= 25°C
T
J = 100°C
C
eb
C
cb
Q
A
10
20
30
50
70
100
200
300
500
0.1
0.2 0.3
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
20
30
30
20
10
7.0
5.0
3.0
2.0
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
V
CC= 30V
I
C / IB =10
t
r @V CC=30V
t
r @V CC=10V
t
d@V BE(off)= 2.0V
t
d@V BE(off)= 0V
I
C /I B = 10
10
20
30
50
70
100
200
300
500
100
70
50
30
20
10
7.0
5.0
10
20
30
50
70
100
200
300
500
100
70
50
30
20
10
7.0
5.0
I
C , COLLECTOR CURRENT (mA)
Figure 6. Rise Time
I
C , COLLECTOR CURRENT (mA)
Figure 5. Turn–On Time
I
C , COLLECTOR CURRENT (mA)
Figure 7. Storage Time
t
s’= t s – 1/8 tf
I
B1 = I B2
10
20
30
50
70
100
200
300
500
200
100
70
50
30
20
I
C/I B = 10
I
C/I B = 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com