Electronic Components Datasheet Search
  English  ▼

X  

FFB4413D Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FFB4413D
Description  DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FFB4413D Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FFB4413D Datasheet HTML 1Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 2Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 3Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 4Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 5Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 6Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 7Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 8Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FFB4413D
2014. 12. 16
2/11
Revision No : 0
Q1(NPN)
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (3)
V (BR)CEO
Vdc
(I C = 1.0 mAdc, IB= 0)
40
—
Collector–Base Breakdown Voltage
V (BR)CBO
Vdc
(I C = 0.1 mAdc, IE= 0)
60
—
Emitter–Base Breakdown Voltage
V (BR)EBO
Vdc
(I E = 0.1 mAdc, IC= 0)
6.0
—
Base Cutoff Current
I BEV
µAdc
(V CE = 35 Vdc, VEB = 0.4 Vdc)
—
0.1
Collector Cutoff Current
I CEX
µAdc
(V CE = 35 Vdc, VEB = 0.4 Vdc)
—
0.1
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
3. Pulse Test: Pulse Width<300
µs; Duty Cycle<2.0%.
Q2(PNP) OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (3)
V (BR)CEO
Vdc
(I C = -1.0 mAdc , IB = 0)
-40
—
Collector–Base Breakdown Voltage
V (BR)CBO
Vdc
(I C = -0.1 mAdc, I E = 0)
-60
—
Emitter–Base Breakdown Voltage
V (BR)EBO
Vdc
(I E = -0.1 mAdc, I C = 0)
-5.0
—
Base Cutoff Current
I BEV
µAdc
(V CE = -35 Vdc, VEB = -0.4 Vdc)
—
-0.1
Collector Cutoff Current
I CEX
µAdc
(V CE = -35 Vdc, VEB = -0.4 Vdc)
—
-0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com