Electronic Components Datasheet Search
  English  ▼

X  

FFB4413D Datasheet(PDF) 9 Page - First Silicon Co., Ltd

Part # FFB4413D
Description  DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FFB4413D Datasheet(HTML) 9 Page - First Silicon Co., Ltd

Back Button FFB4413D Datasheet HTML 3Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 4Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 5Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 6Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 7Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 8Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 9Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 10Page - First Silicon Co., Ltd FFB4413D Datasheet HTML 11Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2014. 12. 06
9/11
Revision No : 0
FFB4413D
Q2 PNP UNIT 1
h PARAMETERS
(V CE = –10 Vdc, f = 1.0 kHz, TA= 25°C)
This group of graphs illustrates the relationship between h fe and other “h” parameters for this series of ransistors. To
obtain these curves,
a high–gain and a low–gain unit were selected from the LMBT4413DW1T1G lines, and the same units were used to develop the correspon
dingly numbered curves on each graph.
I
C , COLLECTOR CURRENT (mAdc)
Figure 10. Current Gain
I
C , COLLECTOR CURRENT (mAdc)
Figure 12. Voltage Feedback Ratio
0.1
0.2
0.3
0.5 0.7
1.0
2.0
3.0
7.0 5.0
10
1000
700
500
300
200
100
70
50
30
20
10
5.0
2.0
1.0
0.5
0.2
0.1
I
C , COLLECTOR CURRENT (mAdc)
Figure 11. Input Impedance
100
50
20
10
5
2
1
0.5
0.2
0.1
I
C , COLLECTOR CURRENT (mAdc)
Figure 13. Output Admittance
500
100
50
20
10
5.0
2.0
1.0
SMALL–SIGNAL CHARACTERISTICS (Q2 PNP)
NOISE FIGURE
V
CE = –10 Vdc, TA = 25°C
Bandwidth = 1.0 Hz
0.1
0.2
0.3
0.5 0.7
1.0
2.0
3.0
7.0 5.0
10
0.1
0.2
0.3
0.5 0.7
1.0
2.0
3.0
7.0 5.0
10
0.1
0.2
0.3
0.5 0.7
1.0
2.0
3.0
7.0 5.0
10
R
S, SOURCE RESISTANCE ( Ω)
Figure 9. Source Resistance Effects
f = 1.0 kHz
0.010.02 0.05 0.1 0.2
0.5 1.0
2.0
5.0 10
20
50
100
10
8
6
4
2
0
50 100
200
500
1k
2k
5k
10k
20k
50k
10
8
6
4
2
0
f , FREQUENCY (kHz)
Figure 8. Frequency Effects
I
C = 50 µA
100 µA
500 µA
1.0 mA
I
C = 1.0 mA, R S = 430Ω
I
C = 500 µA, R S = 560Ω
I
C
= 50 µA, R
S
= 2.7kΩ
I
C = 100 µA, R S = 1.6 kΩ
R
S = OPTIMUM SOURCE RESISTANCE
Q2 PNP UNIT 2
Q2 PNP UNIT 1
Q2 PNP UNIT 2
Q2 PNP UNIT 1
Q2 PNP UNIT 2
Q2 PNP UNIT 1
Q2 PNP UNIT 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com