Electronic Components Datasheet Search
  English  ▼

X  

CMD233 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD233
Description  2-20 GHz Distributed Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD233 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD233 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD233 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD233 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD233 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD233 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD233 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD233 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD233 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD233 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD233 is a wideband GaAs MMIC low
noise amplifier ideally suited for military,
space and communications systems where
small size and low noise figure are needed over
a wide bandwidth. At 10 GHz the device deliv-
ers greater than 9 dB of gain with a corre-
sponding noise figure of 4.5 dB and an output 1
dB compression point of +20.5 dBm.
The
CMD233 is a 50 ohm matched design which
eliminates the need for external DC blocks and
RF port matching. The CMD233 offers full
passivation for increased reliability and mois-
ture protection.
► Wide bandwidth
► Single positive supply voltage
► Low noise figure
► Small die size
► CMM4000 replacement
Electrical Performance - Vdd = 5.0 V, TA = 25
oC, F=10 GHz
Features
Description
Functional Block Diagram
ver 1.3 0716
Parameter
Min
Typ
Max
Units
Frequency Range
2 - 18
GHz
Gain
9
dB
Noise Figure
4.5
dB
Input Return Loss
10
dB
Output Return Loss
20
dB
Supply Current
120
mA
Output P1dB
20.5
dBm
CMD233
CMD233
CMD233
2-20 GHz Distributed Low Noise Amplifier
1
2
3
4
5
6
RFIN
RFOUT
Vdd
GB1 GB2 GB3


Similar Part No. - CMD233

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD233 QORVO-CMD233 Datasheet
280Kb / 12P
2-20 GHz Distributed Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD233C4 MMIC-CMD233C4 Datasheet
312Kb / 12P
2-20 GHz Distributed Low Noise Amplifier
logo
Qorvo, Inc
CMD233C4 QORVO-CMD233C4 Datasheet
306Kb / 12P
2-20 GHz Distributed Low Noise Amplifier
More results

Similar Description - CMD233

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C050 HITTITE-HMC-C050 Datasheet
416Kb / 6P
ULTRA LOW PHASE NOISE DISTRIBUTED AMPLIFIER, 2 - 18 GHz
logo
TriQuint Semiconductor
TGA8310-SCC TRIQUINT-TGA8310-SCC_15 Datasheet
404Kb / 14P
2 - 20 GHz Low Noise Amplifier
QPM1000 TRIQUINT-QPM1000 Datasheet
1Mb / 11P
2 -20 GHz Limiter/Low-Noise Amplifier
logo
Custom MMIC Design Serv...
CMD233C4 MMIC-CMD233C4 Datasheet
312Kb / 12P
2-20 GHz Distributed Low Noise Amplifier
CMD274 MMIC-CMD274 Datasheet
296Kb / 10P
2-20 GHz Low Phase Noise Amplifier
CMD274P4 MMIC-CMD274P4 Datasheet
266Kb / 10P
2-20 GHz Low Phase Noise Amplifier
logo
Qorvo, Inc
CMD233C4 QORVO-CMD233C4 Datasheet
306Kb / 12P
2-20 GHz Distributed Low Noise Amplifier
CMD274P4 QORVO-CMD274P4 Datasheet
266Kb / 10P
2-20 GHz Low Phase Noise Amplifier
CMD274 QORVO-CMD274 Datasheet
296Kb / 10P
2-20 GHz Low Phase Noise Amplifier
CMD233 QORVO-CMD233 Datasheet
280Kb / 12P
2-20 GHz Distributed Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com