Electronic Components Datasheet Search
  English  ▼

X  

CMD233 Datasheet(PDF) 12 Page - Custom MMIC Design Services, Inc.

Part # CMD233
Description  2-20 GHz Distributed Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD233 Datasheet(HTML) 12 Page - Custom MMIC Design Services, Inc.

Back Button CMD233 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD233 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD233 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD233 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD233 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD233 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. CMD233 Datasheet HTML 10Page - Custom MMIC Design Services, Inc. CMD233 Datasheet HTML 11Page - Custom MMIC Design Services, Inc. CMD233 Datasheet HTML 12Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
ver 1.3 0716
Applications Information
Biasing and Operation
CMD233
CMD233
CMD233
2-20 GHz Distributed Low Noise Amplifier
The CMD233 is biased with a single positive drain supply. Performance is optimized when the drain
voltage is set to +5.0 V.
Turn ON procedure:
1.Apply drain voltage Vdd and set to +5 V
Turn OFF procedure:
1.Turn off drain voltage Vdd
RF power can be applied at any time.
Optional Bias Control
Ground bonds (GB) may be added to / removed from pads 4, 5 and 6 to obtain lower drain current. See
table below for approximate values.
Pad 6
Pad 5
Pad 4
Idd (mA)
N/C
N/C
N/C
0
N/C
N/C
GB
53
N/C
GB
N/C
37
N/C
GB
GB
73
GB
N/C
N/C
97
GB
N/C
GB
113
GB
GB
N/C
107
GB
GB
GB
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com