Electronic Components Datasheet Search
  English  ▼

X  

CMD262 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD262
Description  26-28 GHz GaN Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD262 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD262 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD262 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD262 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD262 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD262 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD262 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD262 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD262 Datasheet HTML 8Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD262 is a 5 W GaN MMIC power
amplifier
die
ideally
suited
for
Ka-band
communications systems where high power and
high linearity are needed. The device delivers
greater than 24 dB of gain with a corresponding
output 1 dB compression point of +37 dBm and
a saturated output power of +38 dBm at 29%
power added efficiency. The CMD262 is a 50
ohm matched design eliminating the need for
external DC blocks and RF port matching. The
CMD262 offers full passivation for increased
reliability and moisture protection.
► High Power
► High linearity
► Excellent efficiency
► Small die size
Electrical Performance – Vdd = 28 V, Vgg1 = Vgg2 = Vgg3 = -4 V, TA = 25
oC, F = 27 GHz
Features
Description
Functional Block Diagram
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Gain
24
dB
Output P1dB
37
dBm
Output Psat
38
dBm
Input Return Loss
20
dB
Output Return Loss
10
dB
Supply Current
350
mA
26 – 28
ver 2.0 0619
CMD262
26-28 GHz GaN Power Amplifier
1
2
4
5
6
3
RFIN
RFOUT
Vdd
Vgg1
Vgg2
Vgg3


Similar Part No. - CMD262

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD262 QORVO-CMD262 Datasheet
293Kb / 9P
26-28 GHz GaN Power Amplifier
Rev. A, June 14, 2022
More results

Similar Description - CMD262

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CMA-40-2606 TELEDYNE-CMA-40-2606 Datasheet
892Kb / 2P
Power Amplifier 26 GHz - 40 GHz
CMA-40-2608 TELEDYNE-CMA-40-2608 Datasheet
889Kb / 2P
Power Amplifier 26 GHz - 40 GHz
CMA-40-2610 TELEDYNE-CMA-40-2610 Datasheet
890Kb / 2P
Power Amplifier 26 GHz - 40 GHz
logo
Qorvo, Inc
QPA2225D QORVO-QPA2225D Datasheet
722Kb / 23P
28 ??38 GHz 0.4 Watt GaN Driver Amplifier
logo
Custom MMIC Design Serv...
CMD217 MMIC-CMD217 Datasheet
200Kb / 8P
28-32 GHz GaN Power Amplifier
CMD216 MMIC-CMD216 Datasheet
194Kb / 8P
14-18 GHz GaN Power Amplifier
CMD290 MMIC-CMD290 Datasheet
342Kb / 14P
2-26 GHz GaN Low Noise Amplifier
logo
Qorvo, Inc
CMD217 QORVO-CMD217 Datasheet
112Kb / 8P
28-32 GHz GaN Power Amplifier
QPA2225 QORVO-QPA2225 Datasheet
855Kb / 22P
28 ??38 GHz 0.4 Watt GaN Driver Amplifier
Dec. 2021
QPA2225D QORVO-QPA2225D_V01 Datasheet
1Mb / 23P
28 ??38 GHz 0.4 Watt GaN Driver Amplifier
May 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com