Electronic Components Datasheet Search
  English  ▼

X  

CMD262 Datasheet(PDF) 4 Page - Custom MMIC Design Services, Inc.

Part # CMD262
Description  26-28 GHz GaN Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD262 Datasheet(HTML) 4 Page - Custom MMIC Design Services, Inc.

  CMD262 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD262 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD262 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD262 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD262 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD262 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD262 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD262 Datasheet HTML 8Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Output Power and Power Added Efficiency, Vdd = 28 V, Vgg1, 2, 3 = -4 V, TA = 25
oC
Typical Performance
CMD262
26-28 GHz GaN Power Amplifier
ver 2.0 0619
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
24
25
26
27
28
29
30
Frequency/GHz
P1dB
Psat
PAE at Psat



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com