Electronic Components Datasheet Search
  English  ▼

X  

83C151SA Datasheet(PDF) 12 Page - Intel Corporation

Part # 83C151SA
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C151SA Datasheet(HTML) 12 Page - Intel Corporation

Back Button 83C151SA Datasheet HTML 8Page - Intel Corporation 83C151SA Datasheet HTML 9Page - Intel Corporation 83C151SA Datasheet HTML 10Page - Intel Corporation 83C151SA Datasheet HTML 11Page - Intel Corporation 83C151SA Datasheet HTML 12Page - Intel Corporation 83C151SA Datasheet HTML 13Page - Intel Corporation 83C151SA Datasheet HTML 14Page - Intel Corporation 83C151SA Datasheet HTML 15Page - Intel Corporation 83C151SA Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
8XC151SASB HIGH-PERFORMANCE CHMOS MICROCONTROLLER
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature under Bias
Commercial
0 Cto a70 C
Express
b
40 Cto a85 C
Storage Temperature
b
65 Cto a150 C
Voltage on EA
VPP Pin to VSS
0V to a130V
Voltage on Any other Pin to VSS
b
05V to a65V
IOL per IO Pin
15 mA
Power Dissipation15W
NOTE
Maximum power dissipation is based on package
heat-transfer limitations not device power con-
sumption
OPERATING CONDITIONS
TA (Ambient Temperature Under Bias)
Commercial
0 Cto a70 C
Express
b
40 Cto a85 C
VCC (Digital Supply Voltage)
45V to 55V
VSS
0V
NOTICE
This document contains information on
products in the design phase of development Do not
finalize a design with this information Revised infor-
mation will be published when the product is avail-
able Verify with your local Intel Sales office that you
have the latest data sheet before finalizing a design
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com