Electronic Components Datasheet Search
  English  ▼

X  

83C151SA Datasheet(PDF) 17 Page - Intel Corporation

Part # 83C151SA
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C151SA Datasheet(HTML) 17 Page - Intel Corporation

Back Button 83C151SA Datasheet HTML 13Page - Intel Corporation 83C151SA Datasheet HTML 14Page - Intel Corporation 83C151SA Datasheet HTML 15Page - Intel Corporation 83C151SA Datasheet HTML 16Page - Intel Corporation 83C151SA Datasheet HTML 17Page - Intel Corporation 83C151SA Datasheet HTML 18Page - Intel Corporation 83C151SA Datasheet HTML 19Page - Intel Corporation 83C151SA Datasheet HTML 20Page - Intel Corporation 83C151SA Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
8XC151SASB HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Table 9 AC Characteristics (Capacitive Loading e 50 pF)
(Continued)
Symbol
Parameter
Max FOSC (1)
FOSC Variable
Units
Min
Max
Min
Max
TRLDV (2) RD
PSEN
Low to valid DataInstruction In
ns
12 MHz
1116
(4)
16 MHz
70
2(1aN)
TOSC b 55
TRHDX (2) RD
PSEN
DataInstruction Hold
00
ns
after RD
and PSEN
High
TRLAZ (2) RD
PSEN
Low to Address Float
Typ e 0
2
Typ e 02
ns
(5)
(5)
TRHDZ1
Instruction Float after RD
PSEN
High
ns
12 MHz
0
16 MHz
0
0
TRHDZ2
Data Float after RD
PSEN
High
ns
12 MHz
1516
16 MHz
110
2TOSC
b
15
TRHLH1
RD
PSEN
High to ALE High (Instruction)
ns
12 MHz
0
16 MHz
0
0
TRHLH2
RD
PSEN
High to ALE High (Data)
ns
12 MHz
1566
16 MHz
115
2TOSC b 10
TWHLH
WR
High to ALE High
ns
12 MHz
1666
16 MHz
125
2TOSC
TAVDV1
Address (P0) Valid to Valid DataInstruction In
ns
12 MHz
2532
(3)
16 MHz
170
4(1aM2)
TOSC b 80
TAVDV2
Address (P2) Valid to Valid DataInstruction In
ns
12 MHz
2682
(3)
16 MHz
185
4(1aM2)
TOSC b 65
TAVDV3
Address (P0) Valid to Valid Instruction In
ns
12 MHz
1166
16 MHz
75
2TOSC
b
50
NOTES
1 16 MHz
2 Specifications for PSEN
are identical to those for RD
3 In the formula MeNumber of wait states (0 or 1) for ALE
4 In the formula NeNumber of wait states (0 1 2 or 3) for RD
PSEN
WR
5 ‘‘Typical’’ specifications are untested and not guaranteed
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com