Electronic Components Datasheet Search
  English  ▼

X  

83C151SA Datasheet(PDF) 18 Page - Intel Corporation

Part # 83C151SA
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C151SA Datasheet(HTML) 18 Page - Intel Corporation

Back Button 83C151SA Datasheet HTML 14Page - Intel Corporation 83C151SA Datasheet HTML 15Page - Intel Corporation 83C151SA Datasheet HTML 16Page - Intel Corporation 83C151SA Datasheet HTML 17Page - Intel Corporation 83C151SA Datasheet HTML 18Page - Intel Corporation 83C151SA Datasheet HTML 19Page - Intel Corporation 83C151SA Datasheet HTML 20Page - Intel Corporation 83C151SA Datasheet HTML 21Page - Intel Corporation 83C151SA Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
8XC151SASB HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Table 9 AC Characteristics (Capacitive Loading e 50 pF)
(Continued)
Symbol
Parameter
Max FOSC (1)
FOSC Variable
Units
Min
Max
Min
Max
TAVRL (2)
Address Valid to RD
PSEN
Low
ns
12 MHz
1266
(3)
16 MHz
85
2(1aM)
TOSC b 40
TAVWL1
Address (P0) Valid to WR
Low
ns
12 MHz
1266
(3)
16 MHz
85
2(1aM)
TOSC b 40
TAVWL2
Address (P2) Valid to WR
Low
ns
12 MHz
1416
(3)
16 MHz
100
2(1aM)
TOSC b25
TWHQX
Data Hold after WR
High
ns
12 MHz
583
16 MHz
375
TOSC b 25
TQVWH
Data Valid to WR
High
ns
12 MHz
1466
(4)
16 MHz
105
2(1aN)
TOSC b 20
TWHAX
WR
High to Address Hold
ns
12 MHz
1466
16 MHz
105
2TOSC b 20
NOTES
1 16 MHz
2 Specifications for PSEN
are identical to those for RD
3 In the formula MeNumber of wait states (0 or 1) for ALE
4 In the formula NeNumber of wait states (0 1 2 or 3) for RD
PSEN
WR
5 ‘‘Typical’’ specifications are untested and not guaranteed
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com