Electronic Components Datasheet Search
  English  ▼

X  

P87C151SA Datasheet(PDF) 30 Page - Intel Corporation

Part # P87C151SA
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P87C151SA Datasheet(HTML) 30 Page - Intel Corporation

Back Button P87C151SA Datasheet HTML 25Page - Intel Corporation P87C151SA Datasheet HTML 26Page - Intel Corporation P87C151SA Datasheet HTML 27Page - Intel Corporation P87C151SA Datasheet HTML 28Page - Intel Corporation P87C151SA Datasheet HTML 29Page - Intel Corporation P87C151SA Datasheet HTML 30Page - Intel Corporation P87C151SA Datasheet HTML 31Page - Intel Corporation P87C151SA Datasheet HTML 32Page - Intel Corporation P87C151SA Datasheet HTML 33Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
8XC151SASB HIGH-PERFORMANCE CHMOS MICROCONTROLLER
UCONFIG0
Address FFF8H
7
0
WSA1
WSA0
XALE
PAGE
Bit
Bit
Function
Number
Mnemonic
7
Reserved
65
WSA1
Wait State Select for external code
WSA0
WSA1
WSA0
Description
(see Note)
1
1
No wait states
1
0
Insert 1 wait state
0
1
Insert 2 wait states
0
0
Insert 3 wait states
4
XALE
Extend Ale
If this bit is set the time of the ALE pulse is TOSC Clearing this bit
extends the time of the ALE pulse from TOSC to 3TOSC which adds
one external wait state
1
PAGE
Page Mode Select
Clear this bit for page-mode (A158D70 on P2 and A70 on P0) Set
this bit for nonpage-mode (A158 on P2 and A70D70 on P0
(compatible with MCS 51 microcontrollers))
NOTE
Factory-programmed ROM and OTPROM versions of 8XC151SASB use configuration byte information supplied in a
separate hexadecimal disk file 8XC151SASB devices without internal ROMOTPROM arrays fetch configuration byte
information from external application memory based on an internal address range of FFF98H
Figure 17 Configuration Byte 0
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com