Electronic Components Datasheet Search
  English  ▼

X  

P87C151SA Datasheet(PDF) 33 Page - Intel Corporation

Part # P87C151SA
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P87C151SA Datasheet(HTML) 33 Page - Intel Corporation

Back Button P87C151SA Datasheet HTML 25Page - Intel Corporation P87C151SA Datasheet HTML 26Page - Intel Corporation P87C151SA Datasheet HTML 27Page - Intel Corporation P87C151SA Datasheet HTML 28Page - Intel Corporation P87C151SA Datasheet HTML 29Page - Intel Corporation P87C151SA Datasheet HTML 30Page - Intel Corporation P87C151SA Datasheet HTML 31Page - Intel Corporation P87C151SA Datasheet HTML 32Page - Intel Corporation P87C151SA Datasheet HTML 33Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
8XC151SASB HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Table 13 Nonvolatile Memory Programming and Verification Characteristics at
TA e 21 b 27 C VCC e 5V and VSS e 0V
Symbol
Definition
Min
Max
Units
VPP
Programming Supply Voltage
125
135
DC Volts
IPP
Programming Supply Current
75
mA
FOSC
Oscillator Frequency
40
60
MHz
TAVGL
Address Setup to PROG
Low
48TOSC
TGHAX
Address Hold after PROG
48TOSC
TDVGL
Data Setup to PROG
Low
48TOSC
TGHDX
Data Hold after PROG
48TOSC
TEHSH
ENABLE High to VPP
48TOSC
TSHGL
VPP Setup to PROG
Low
10
m
s
TGHSL
VPP Hold after PROG
10
m
s
TGLGH
PROG
Width
90
110
m
s
TAVQV
Address to Data Valid
48TOSC
TELQV
ENABLE Low to Data Valid
48ToSC
TEHQZ
Data Float after ENABLE
0
48TOSC
TGHGL
PROG
High to PROG
Low
10
m
s
NOTE
Notation for timing parameters
A e Address
D e Data
E e Enable
G e PROG
H e High
L e Low
Q e Data out
S e Supply (VPP)V e Valid
X e No Longer Valid
Z e Floating
Table 14 Contents of the Signature Bytes
ADDRESS
CONTENTS
DEVICE TYPE
30H
89H
Indicates Intel Devices
31H
48H
Indicates MCS 151 core product
60H
7BH
Indicates 83C151SB device
60H
FBH
Indicates 87C151SB device
60H
7AH
Indicates 83C151SA device
60H
FAH
Indicates 87C151SA device
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com