Electronic Components Datasheet Search
  English  ▼

X  

KUSB-488B Datasheet(PDF) 2 Page - TEKTRONIX, INC.

Part # KUSB-488B
Description  Series 2400 SourceMeter SMU Instruments
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

KUSB-488B Datasheet(HTML) 2 Page - TEKTRONIX, INC.

  KUSB-488B Datasheet HTML 1Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 2Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 3Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 4Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 5Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 6Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 7Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 8Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Datasheet
TEK.COM
2
Series 2400 SourceMeter® SMU Instruments
Local
Remote
Remote
Local
DUT
IN/OUT HI
SENSE HI
SENSE LO
IN/OUT LO
Imeter
Isource
Vmeter/Compliance
Local
Remote
Remote
Local
DUT
IN/OUT HI
SENSE HI
SENSE LO
IN/OUT LO
Imeter/Compliance
Vsource
Vmeter
Feedback to
Adjust Vsource
Source I–Measure V, I, or Ω configuration
Source V–Measure I, V, or Ω configuration
+1 A
–1 A
+100 mA
+20 V
–20 V
+200 V
–200 V
–100 mA
2400
only
2400
only
+1 A
–1 A
+100 mA
+20 V
–20 V
+200 V
–200 V
–100 mA
+1A
–1 A
+200 mA
+20 V
–20 V
+200 V
–200 V
–100 mA
+20 mA
–20 mA
+1000 V
–1000 V
+1 A
+20 V
–20 V
–1 A
+100 mA
–100 mA
+3 A
–60 V
+60 V
–3 A
–100 V
5 A
3 A
100 mA
–10 V
+10 V
–100 mA
–3 A
–5 A
–40 V
+40 V
1 A
–1 A
Duty cycle
limited
Duty cycle
limited
Duty cycle limited
Duty cycle limited
Duty cycle limited
2400
SourceMeter
SMU Instrument
2410
High-Voltage
SourceMeter
SMU Instrument
2440
5A SourceMeter
SMU Instrument
2420
3A SourceMeter
SMU Instrument
2401
Low-Voltage
SourceMeter
SMU Instrument
Series 2400 SourceMeter SMU Instruments
Typical Applications
Devices
• Discrete
semiconductor devices
• Passive devices
• Transient
suppression devices
• ICs, RFICs, MMICs
• Laser diodes, laser
diode modules, LEDs,
photodetectors
• Circuit protection devices:
TVS, MOV, Fuses, etc.
• Airbags
• Connectors, switches, relays
• High brightness LEDs (DC
and pulse)
Tests
• Leakage
• Low voltage/resistances
• LIV
• IDDQ
• I-V characterization
• Isolation and trace resistance
• Temperature coefficient
• Forward voltage, reverse
breakdown, leakage current
• DC parametric test
• DC power source
• HIPOT
• Photovoltaic cell efficiency
(source and sink)
• Dielectric withstanding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com