Electronic Components Datasheet Search
  English  ▼

X  

KUSB-488B Datasheet(PDF) 11 Page - TEKTRONIX, INC.

Part # KUSB-488B
Description  Series 2400 SourceMeter SMU Instruments
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

KUSB-488B Datasheet(HTML) 11 Page - TEKTRONIX, INC.

Back Button KUSB-488B Datasheet HTML 4Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 5Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 6Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 7Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 8Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 9Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 10Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 11Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 12Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TEK.COM 11
Series 2400 SourceMeter® SMU Instruments
Datasheet
Available Services
2400-3Y-EW
1-year factory warranty extended to 3 years from date of shipment
2401-3Y-EW
1-year factory warranty extended to 3 years from date of shipment
2410-3Y-EW
1-year factory warranty extended to 3 years from date of shipment
2420-3Y-EW
1-year factory warranty extended to 3 years from date of shipment
2440-3Y-EW
1-year factory warranty extended to 3 years from date of shipment
C/2400-3Y-ISO
3 (ISO-17025 accredited) calibrations within 3 years of purchase for 2400, 2400-LV*
C/2401-3Y-ISO
3 (ISO-17025 accredited) calibrations within 3 years of purchase for 2401*
C/2410-3Y-ISO
3 (ISO-17025 accredited) calibrations within 3 years of purchase for 2410*
C/2420-3Y-ISO
3 (ISO-17025 accredited) calibrations within 3 years of purchase for 2420*
C/2440-3Y-ISO
3 (ISO-17025 accredited) calibrations within 3 years of purchase for 2440*
TRN-2400-1-C
Course: Unleashing the Power of Your SourceMeter SMU Instrument
*Not available in all countries
Ordering Information
2400
200V, 1A, 20W SourceMeter SMU Instrument
2401
20V, 1A, 20W SourceMeter SMU Instrument
2410
1100V, 1A, 20W SourceMeter SMU Instrument
2420
60V, 3A, 60W SourceMeter SMU Instrument
2440
40V, 5A, 50W SourceMeter SMU Instrument
Warranty Information
Warranty Summary
This section summarizes the warranties of the Series 2400. For complete warranty information, refer to
the Series 2400 Reference Manual. Any portion of the product that is not manufactured by Keithley is not
covered by this warranty and Keithley will have no duty to enforce any other manufacturer’s warranties.
Hardware Warranty Keithley Instruments, Inc. warrants the Keithley manufactured portion of the hardware
for a period of one year from defects in materials or workmanship; provided that such defect has not been
caused by use of the Keithley hardware which is not in accordance with the hardware instructions. The
warranty does not apply upon any modification of Keithley hardware made by the customer or operation of
the hardware outside the environmental specifications.
Software Warranty
Keithley warrants that the Keithley produced portion of the software or firmware will conform in all material
respects with the published specifications for a period of ninety (90) days; provided the software is used on
the product for which it is intended in accordance with the software instructions. Keithley does not warrant
that operation of the software will be uninterrupted or error-free, or that the software will be adequate for
the customer’s intended application. The warranty does not apply upon any modification of the software
made by the customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com