Electronic Components Datasheet Search
  English  ▼

X  

SC6121 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC6121
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC6121 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC6121 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Silan
Semiconductors
SC6121
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.2
2002-02-28
1
INFRARED REMOTE CONTROL
TRANSMITTER
DESCRIPTION
The SC6121 is a remote control transmitter utilizing CMOS
Technology specially designed for use on infrared remote control
applications. It is capable of controlling 32 function keys and 3
double keys. SC6121 is housed in a 20-pins SO package.
FEATURES
* CMOS Technology
* Low Operating Voltage (VDD=2.0~5.5V)
* Using SEL pin, SC6121 can support 64+6 function codes
* Customer Code can be selected
APPLICATIONS
* TV and VCR
* Audio Equipment
* Cable TV Tuner
* Cassette Deck
* Air Conditioner
* VCD and DVD ROM/Player
* Moniputer/Multi-Media Personal Computer System
SOP-20
ORDERING INFORMATION
SC6121-001
SC6121-002
ROM Content=0
Custom Version
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
KI0
KI1
KI2
KI3
REM
VDD
SEL
OSCO
OSCI
Vss
CCS
KI/O0
KI/O1
KI/O2
KI/O3
KI/O4
KI/O5
KI/O6
KI/O7
LMP
SC6121


Similar Part No. - SC6121

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC6122 SILAN-SC6122 Datasheet
220Kb / 13P
INFRARED REMOTE CONTROL TRANSMITTER
SC6122-001 SILAN-SC6122-001 Datasheet
220Kb / 13P
INFRARED REMOTE CONTROL TRANSMITTER
SC6122-002 SILAN-SC6122-002 Datasheet
220Kb / 13P
INFRARED REMOTE CONTROL TRANSMITTER
logo
SHENZHEN FUMAN ELECTRON...
SC6122-00FF FUMAN-SC6122-00FF Datasheet
343Kb / 5P
Infrared remote control transmitter IC
More results

Similar Description - SC6121

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
Infrared Remote Control Transmitter???
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
Infrared Remote Control Transmitter???
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Silan Microelectronics ...
SC50560 SILAN-SC50560 Datasheet
224Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
SC7461 SILAN-SC7461 Datasheet
192Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2221M PTC-PT2221M Datasheet
452Kb / 4P
Infrared Remote Control Transmitter
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
Infrared Remote Control Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com