Electronic Components Datasheet Search
  English  ▼

X  

SC6121 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC6121
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC6121 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC6121 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Silan
Semiconductors
SC6121
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.2
2002-02-28
5
Pull-down resistors are connected between the Key Input and Vss Pins. When more than one key (except the
double key combinations: K21+22, K21+23, K21+24) are pressed simultaneously, the transmission output stops.
Two key inputs are regarded as being pressed simultaneously when the time interval between these two key
entries is less than 36ms.
The order of priority given to two key inputs with a time interval of more than 36ms is on a First-Pressed-First-
Served or Longer-Pressed-First-Served Basis.
When a key is pressed, the custom and data codes are read. 36ms later, the Remote (REM) Output is activated.
When the key is kept depressed during this 36ms, one transmission is outputted. If the key is depressed for more
than 108ms, then the only the leader code is transmitted continuously.
4. DOUBLE KEY OPERATION
Double Key Operation is useful for operations such as tape deck recording. The following table shows the Key
Data corresponding to the double keys pressed. Also refer to the Key Input Section.
The Double Key operation forms are as follows:
Key
D0
D1
D2
D3
D4
D5
D6
D7
K21+K22
1
010
110
0/1
K21+K23
0
110
110
0/1
K21+K24
1
110
110
0/1
Note: D7=1 when SEL is connected to VSS, or D7=0 when SEL is connected to VDD.
K21
K22to24
t >126ms
K21 Transmission
D5+K22 to 24
Transmission
OPERATION
K21
K22to24
push
push
36ms< t <126ms
K21 Transmission
No Transmission
NO OPERATION
K21
K22to24
-36ms< t < 36ms
No Transmission
NO OPERATION
K21
K22to24
t >126ms
NO OPERATION
K22to24Transmission
No Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com