Electronic Components Datasheet Search
  English  ▼

X  

SC6121 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC6121
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC6121 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC6121 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC6121 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Silan
Semiconductors
SC6121
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.2
2002-02-28
3
ELECTRICAL CHARACTERISTICS (Tamb=25°C,VDD=3.0V,unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
2.0
3.0
5.5
V
Current Consumption 1
IDD1
Fosc =455KHz
0.1
1.0
mA
Current Consumption 2
IDD2
Fosc =STOP
1.0
µA
REM High Level Output Current
IOH1
Vo=1.5V
-5.0
-8.0
mA
REM Low Level Output Current
IOL1
Vo=0.3V
15
30
µA
LMP High Level Output Current
IOH2
Vo=2.7V
-15
-30
µA
LMP Low Level Output Current
IOL2
Vo=0.3V
1
1.5
mA
KI High Level Input Current
IIH1
VIN =3.0V
5
30
µA
KI Low Level Input Current
IIL1
VIN =0V
-0.2
µA
KI High Level Input Voltage
VIH1
0.7 VDD
VDD
V
KI Low Level Input Voltage
VIL1
00.3 VDD
V
KI/O High Level Input Voltage
VIH2
0.7 VDD
VDD
V
KI/O Low Level Input Voltage
VIL2
00.4
V
KI/O High Level Input Current
IIH2
VIN =3.0V
2
7
µA
KI/O Low Level Input Current
IIL2
VIN =0V
-0.2
µA
KI/O High Level Output Current
IOH3
Vo=2.5V
0.5
1.5
mA
KI/O Low Level Output Current
IOL3
Vo=1.7V
1.5
2.5
mA
CCS Low Level Input Voltage
VIH3
1.1
V
CCS High Level Input Current
IIH3
Pull Up VIN =3.0V
0.2
µA
CCS Low Level Input Current
IIL3
Pull Up VIN =0V
-3
-15
µA
CCS High Level Input Current
IIH4
Pull Down VIN =3.0V
5
30
µA
CCS Low Level Input Current
IIL4
Pull Down VIN =0V
-0.2
µA
PIN DESCRIPTION
Pin No.
Symbol
I/O
Description
1~4
KI0~KI3
I
Key Input Pin Nos. 0~3
5
REM
O
Data Output Pin
6VDD
--
Power Supply
7
SEL
I
Select Pin
8
OSCO
O
Oscillator Pin
9
OSCI
I
Oscillator Pin
10
Vss
--
Power Supply
11
LMP
--
Output LED Indicator
19~12
KI/O0~KI/O7
I/O
Key Input/Output Pin Nos.0~7
20
CCS
I
Custom Code Scan Input Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com