Electronic Components Datasheet Search
  English  ▼

X  

EM78P5830AP Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM78P5830AP
Description  8-BIT MICRO-CONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5830AP Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM78P5830AP Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
Version History
Specification Revision History
Version
Content
EM785830AA
1.0
Initial version
1.1
Add 17.9MHz main CLK
1.2
Add code option “ADIS” to determine AD channel
1.3
1. Change “ADIS” define
2. ADD eFHP5830A, eFHP5830AA, and eFHP5830BA package
1.4
1. ADD the description about ADC’s offset voltage
1.5
1. Modify stack level from 16 to 12
2. Modify program ROM size from 4K to 16K
3. Rename “eFH5830A” to eFH5830AA
4. Remove IDLE mode
5. Change AD channel from 8 to 4
6. Remove 17.9MHz main CLK
1.6
1.Rename from eFH5830AA to EM785830AA
Relative to EM785830AA’s ROM-less, OTP and mask:
ROM-less
OTP
Mask
EM78P5830A
ICE5830
EM78P5830AA
EM785830AA
Difference between EM785830AA/EM78P5830A/EM78P5830AA
Some differences are between EM78P5830A, EM78P5830AA and EM78P5830BA, these difference are list at next table:
EM785830AA
EM78P5830A
EM78P5830AA
ADIS
(code option)
Un-effect
(4 channel only)
Un-effect
(4 channel only)
Un-effect
(4 channel only)
VERSEL
(code option)
Must = 0
Un-effect
Must = 0
PHO
(code option)
Must = 0
Un-effect
Must = 0
MS
(IOCC page1 bit0)
Must = 1
Must = 1
Un-effect
AD resolution
10 bit
8 bit
10 bit
Stack number
12
16
16
User Application Note
(Before using this chip, take a look at the following description note, it includes important messages.)
1. There are some undefined bits in the registers. The values in these bits are unpredicted. These
bits are not allowed to use. We use the symbol “-” in the spec to recognize them. A fixed value
must be write in some specific unused bits by software or some unpredicted wrong will occur.
These bits are as below.
Register
Register
PAGE
Bit
Default value
Initial Setting value
(by user software)
Effect
R7
1
1
0
0
RAM access will error
RA
0
7
0
0
Un-expect error
RA
2
0~7
0
0
Un-expect error
RD
0
0~2
0
0
Power consumption increase
RD
0
4
X
1
Un-expect error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com