Electronic Components Datasheet Search
  English  ▼

X  

EM78P5830AP Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM78P5830AP
Description  8-BIT MICRO-CONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5830AP Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM78P5830AP Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 43Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
EM785830AA
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to be changed without notice.
37
12/1/2004
V1.6
EM785830AA’s 10 bit ADC characteristic
EM785830AA build in 10 bit resolution, multi channel ADC function. In ideal, if ADC’s reference voltage is 5V,
the ADC’s LSB will be 5V/1024. But in practical, for some physics or circuit’s character, some un-ideal will effect the
converter result. As the next figure, offset voltage will reduce AD’s converter range. If AD’s input voltage less than VOFL,
ADC will output 0; in opposition, if input voltage is larger than (VDD-VOFH), ADC will output 1023. That is to say the
physics AD converter range will replace by (VDD-VOFH+LSB-VOFL+LSB). If we defined that VRB = VOFL – LSB and
VRT = VDD-VOFH+LSB, the physics LSB is:
LSB = (VRT - VRB) / 1024
= (VDD – (VOFH+VOFL) ) / 1022
For real operating, please think about the effect of AD’s offset voltage. If converter the range of (VRT - VRB), the AD
converter’s opposite result will be précised.
0V
VDD
Min. input for ADC output = 1023
10-bit ADC
(For 10-bit ADC, internally it takes this range to
average 1024 steps)
VOFL
VOFH
VRB
VRT
Min. input for ADC output = 1
Fig.16
The relative between ADC and offset voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com