Electronic Components Datasheet Search
  English  ▼

X  

EM78P5830AP Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78P5830AP
Description  8-BIT MICRO-CONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5830AP Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78P5830AP Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P5830AP Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
EM785830AA
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to be changed without notice.
19
12/1/2004
V1.6
VII.3 Special Purpose Registers
A (Accumulator)
Internal data transfer, or instruction operand holding
It's not an addressable register.
CONT (Control Register)
7
6
5
4
3
2
1
0
P70EG
INT
TS
RETBK
PAB
PSR2
PSR1
PSR0
Bit 0 ~ Bit 2 (PSR0 ~ PSR2) : TCC/WDT prescaler bits
PSR2
PSR1
PSR0
TCC rate
WDT rate
0
0
0
1:2
1:1
0
0
1
1:4
1:2
0
1
0
1:8
1:4
0
1
1
1:16
1:8
1
0
0
1:32
1:16
1
0
1
1:64
1:32
1
1
0
1:128
1:64
1
1
1
1:256
1:128
Bit 3(PAB) : Prescaler assignment bit
0/1
TCC/WDT
Bit 4(RETBK) : Return value backup control for interrupt routine
0/1
disable/enable
When this bit is set to 1, the CPU will store ACC,R3 status and R5 PAGE automatically after an interrupt is
triggered. And it will be restored after instruction RETI. When this bit is set to 0, the user need to store ACC,
R3 and R5 PAGE in user program.
Bit 5(TS) : TCC signal source
0
internal instruction cycle clock
1
16.384kHz
Bit 6 (INT) : INT enable flag
0
interrupt masked by DISI or hardware interrupt
1
interrupt enabled by ENI/RETI instructions
Bit 7(P70EG) : interrupt edge type of P70
0
P70 's interruption source is a rising edge signal.
1
P70 's interruption source is a falling edge signal.
CONT register is readable (CONTR) and writable (CONTW).
TCC and WDT :
There is an 8-bit counter available as prescaler for the TCC or WDT. The prescaler is available for the TCC
only or WDT only at the same time.
An 8 bit counter is available for TCC or WDT determined by the status of the bit 3 (PAB) of the CONT
register.
See the prescaler ratio in CONT register.
Fig.8 depicts the circuit diagram of TCC/WDT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com