Electronic Components Datasheet Search
  English  ▼

X  

MP3275 Datasheet(PDF) 7 Page - Exar Corporation

Part # MP3275
Description  Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP3275 Datasheet(HTML) 7 Page - Exar Corporation

Back Button MP3275 Datasheet HTML 3Page - Exar Corporation MP3275 Datasheet HTML 4Page - Exar Corporation MP3275 Datasheet HTML 5Page - Exar Corporation MP3275 Datasheet HTML 6Page - Exar Corporation MP3275 Datasheet HTML 7Page - Exar Corporation MP3275 Datasheet HTML 8Page - Exar Corporation MP3275 Datasheet HTML 9Page - Exar Corporation MP3275 Datasheet HTML 10Page - Exar Corporation MP3275 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MP3275
7
Rev. 4.00
The MP3275 is easily interfaced to a wide variety of digital
systems. Discussion of the timing requirements of the MP3275
control signals follows.
Figure 1. shows a complete timing diagram for the MP3275
convert start operation.
WR is used to initiate a conversion.
A conversion is started by taking WR low, then high again
(conversion is enabled on the rising edge of WR). There are two
possible conditions that will affect conversion timing.
1. ADEN = 1. At the falling edge of WR, the input channel is
determined by the data present on the address bits. The
track and hold begins to settle after which STL returns low,
indicating that the multiplexer, buffer amp, and sample/hold
have settled to less than 1/2 LSB of final value. If the rising
edge of WR returns high prior to STL going low, conversion
will begin on the falling edge of STL. If the rising edge of WR
is delayed until after STL returns low, the input signal is sam-
pled and the conversion is started at the rising edge of WR
giving the user better control of the sampling time.
2. ADEN = 0. At the falling edge of WR the data present at the
address is ignored and the channel selected during the pre-
vious conversion remains selected. In this case the track
and hold settling time is omitted and STL never goes high. At
the rising edge of WR the input signal is sampled, and con-
version is started.
There are two possible states that the data output could be in
during a conversion.
1. If RD is held high during a conversion the output would re-
main high impedance throughout the conversion. This is the
preferred method of operation as any noise present on SDO
is rejected.
2. If RD is held low during a conversion, the data present SDO
will be from the previous conversion until the present conver-
sion is completed, when STS returns low. The data from the
new conversion will be available through SDO. The state of
RD should not change during a conversion.
Once a conversion is started and the STL or STS line goes
high, convert start commands will be ignored until the conver-
sion cycle is completed. The SDO output buffer cannot be en-
abled during conversion.
In addition, all input and output
changes during conversion can introduce noise, and should be
avoided when possible.
ADC Control Timing
Table 2. ADC Write Timing
(See Figure 1.)
25
°C
Tmin to
Tmax
Limits
Comments/Test Conditions
Address to WR Set-Up Time
t3
0
0
ns min
Address to WR Hold Time
t4
0
0
ns min
WR Pulse Width
t5
80
80
ns min
ADEN to WR Set-Up Time
t6
0
ns min
ADC Conversion Timing
WR to STL
↑ Delay
t7
150
150
ns max
Load ckt of Figure 5, CL = 20 pF,
ADEN = 1
STL High (Settling Period)
t8
10
15
µs max
Load ckt of Figure 5, CL = 20 pF
STL to STS Low (Converting)
t9
15
20
µs max
Load ckt of Figure 5, CL = 20 pF
WR to STS High (ADEN = 0)
t12
200
250
ns max
STL = 0 when ADEN = 0
WR to STS Low (ADEN = 1)
t10
15
20
µs max
STS High to SDO Relinquish Time
t13
150
150
ns max
Load ckt of Figure 4
STS Low to Data Valid (RD = 0)
t14
50
50
ns max
Load ckt of Figure 3, CL = 20 pF
ADC Write Timing
Time
Interval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com