Electronic Components Datasheet Search
  English  ▼

X  

MP3275 Datasheet(PDF) 8 Page - Exar Corporation

Part # MP3275
Description  Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP3275 Datasheet(HTML) 8 Page - Exar Corporation

Back Button MP3275 Datasheet HTML 4Page - Exar Corporation MP3275 Datasheet HTML 5Page - Exar Corporation MP3275 Datasheet HTML 6Page - Exar Corporation MP3275 Datasheet HTML 7Page - Exar Corporation MP3275 Datasheet HTML 8Page - Exar Corporation MP3275 Datasheet HTML 9Page - Exar Corporation MP3275 Datasheet HTML 10Page - Exar Corporation MP3275 Datasheet HTML 11Page - Exar Corporation MP3275 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MP3275
8
Rev. 4.00
WR
ADDRESS
Figure 1. Timing for ADC Channel Select Start Conversion
STL
ADEN
STS
SDO
RD = 0
SDO
RD = 1
HIGH Z
Previous ADC Data
New ADC Data
t 3
t 4
t 5
t 6
t 7
t 8
t 9
t 11
10
t
t 12
t 14
t 13
Table 3. ADC Read Timing
(
See Figure 2.)
25
°C
Tmin to
Tmax
Limits
Comments/Test Conditions
RD to Data Valid Delay
t17
100
150
ns max
Load ckt of
Figure 3., CL = 20 pF
150
200
ns max
Load ckt of
Figure 3., CL = 100 pF
SDO Relinquish Time after
t18
100
150
ns max
Load ckt of
Figure 4.
RD High
RD Pulse Width
t19
100
150
ns min
ADC Read Timing
Time
Interval
RD
DATA
Figure 2. Timing for ADC Read
t 18
t
Valid
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com