Electronic Components Datasheet Search
  English  ▼

X  

MP3275 Datasheet(PDF) 1 Page - Exar Corporation

Part # MP3275
Description  Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP3275 Datasheet(HTML) 1 Page - Exar Corporation

  MP3275 Datasheet HTML 1Page - Exar Corporation MP3275 Datasheet HTML 2Page - Exar Corporation MP3275 Datasheet HTML 3Page - Exar Corporation MP3275 Datasheet HTML 4Page - Exar Corporation MP3275 Datasheet HTML 5Page - Exar Corporation MP3275 Datasheet HTML 6Page - Exar Corporation MP3275 Datasheet HTML 7Page - Exar Corporation MP3275 Datasheet HTML 8Page - Exar Corporation MP3275 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP3275
1
Rev. 4.00
Fault Protected 16 Channel, 12-Bit
Data Acquisition Subsystem
FEATURES
• Fault Protected 16-Channel 12-Bit A/D
Converter with Sample & Hold, Reference,
Clock and 3-State Outputs
• Fast Conversion, less than 15µS
• 2’s Complement and Serial Data Output
• Remote Analog Ground Sensing
• Overvoltage Protected Input (50 V over the
Supply Voltages)
• Precision Reference for Long Term Stability and
Low Gain T.C.
• Guaranteed Linearity Over Temperature
• Guaranteed Performance at +12/–5 V, ±12 & ±15 V
• Low Power (7 mW per Channel Typical)
• Parallel Version: MP3276
• 32 Channel Version: MP3274
GENERAL DESCRIPTION
The MP3275 is a complete 16-channel, 12-bit Data Acquisi-
tion Subsystem with serial data port. Implemented using an ad-
vanced BiCMOS process, the converter combines a 16-channel
passive overvoltage-protected multiplexer instrumentation
amp, a sample & hold, a SAR, a 12-bit decoded D/A, a compa-
rator, a precision reference and the control logic to achieve an
accurate conversion in less than 15
µs, and a mux/instrumenta-
tion amp settling period of less than 10
µs.
A unique input design provides input overvoltage protection
to
50 V over the supply voltages. The circuit design can allow
for an overvoltage condition on unselected channels without dis-
rupting the measured channel or operation of the MP3275! The
internal 4 V reference has sufficient output current to provide
other system reference needs. Precision thin film scaling and
offset resistors are laser trimmed to provide for less than 2 LSB
INL for +10 V inputs on all channels.
In addition, the MP3275 will output either full scale (0111 ....)
for overrange and – full scale (1000....) for underrange condi-
tions. This greatly simplifies microprocessor software develop-
ment.
SIMPLIFIED BLOCK DIAGRAM
–
+
Comp
SAR
4 V
REF
16
4
16
Ch.
MUX
AB0-3
(4 pins)
AIN0-15
(16 pins)
REF OUT
Control
Logic
GND REF.
DGND VEE
VDAC
Latch/
Shift Register
3-State
Driver
12
SDO
REF IN /2
12
VDD VCC
CLK
WR
RD
SDC
ADEN
STL
STS
VREF
AGND2
AGND3
AGND
DGND
CS


Similar Part No. - MP3275

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP3274 EXAR-MP3274 Datasheet
170Kb / 16P
Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem
MP3274AG EXAR-MP3274AG Datasheet
170Kb / 16P
Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem
MP3274AP EXAR-MP3274AP Datasheet
170Kb / 16P
Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem
MP3274SG EXAR-MP3274SG Datasheet
170Kb / 16P
Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem
MP3276 EXAR-MP3276 Datasheet
170Kb / 16P
Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
More results

Similar Description - MP3275

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
16-Channel,12-Bit Data Acquisition System
AD363 AD-AD363 Datasheet
682Kb / 8P
Complete 16-Channel,12-Bit Data Acquisition System
logo
Burr-Brown (TI)
VECANA01 BURR-BROWN-VECANA01 Datasheet
329Kb / 17P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
ADS7833 BURR-BROWN-ADS7833 Datasheet
150Kb / 12P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Analog Devices
AD363 AD-AD363 Datasheet
6Mb / 16P
COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
Exar Corporation
MP3276 EXAR-MP3276 Datasheet
170Kb / 16P
Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3274 EXAR-MP3274 Datasheet
170Kb / 16P
Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
16 Channel 12 Bit Data Acquisition System
REV. A
ADAQ7980 AD-ADAQ7980 Datasheet
1Mb / 49P
16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com