Electronic Components Datasheet Search
  English  ▼

X  

PMGD130UN Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PMGD130UN
Description  20 V, dual N-channel Trench MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMGD130UN Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PMGD130UN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PMGD130UN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 1 June 2012
3 of 15
NXP Semiconductors
PMGD130UN
20 V, dual N-channel Trench MOSFET
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for drain 6 cm2.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VDS
drain-source voltage
Tj =25°C
-
20
V
VGS
gate-source voltage
-8
8
V
ID
drain current
VGS =4.5 V; Tamb =25°C; t ≤ 5 s
[1]
-1.3
A
VGS =4.5 V; Tamb =25°C
[1]
-1.2
A
VGS =4.5 V; Tamb =100 °C
[1]
-0.7
A
IDM
peak drain current
Tamb = 25 °C; single pulse; tp ≤ 10 µs
-
4.8
A
Ptot
total power dissipation
Tamb =25 °C
[2]
-
260
mW
[1]
-
310
mW
Tsp = 25 °C
-
905
mW
Source-drain diode
IS
source current
Tamb =25 °C
[1]
-0.7
A
Per device
Ptot
total power dissipation
Tamb =25 °C
[2]
-
390
mW
Tj
junction temperature
-55
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
Fig 1.
Normalized total power dissipation as a
function of junction temperature
Fig 2.
Normalized continuous drain current as a
function of junction temperature
Tj (°C)
−75
175
125
25
75
−25
017aaa123
40
80
120
Pder
(%)
0
Tj (°C)
−75
175
125
25
75
−25
017aaa124
40
80
120
Ider
(%)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com