Electronic Components Datasheet Search
  English  ▼

X  

PMGD130UN Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PMGD130UN
Description  20 V, dual N-channel Trench MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMGD130UN Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PMGD130UN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Important notice
Dear Customer,
On 7 February 2017 the former NXP Standard Product business became a new company with the
tradename Nexperia. Nexperia is an industry leading supplier of Discrete, Logic and PowerMOS
semiconductors with its focus on the automotive, industrial, computing, consumer and wearable
application markets
In data sheets and application notes which still contain NXP or Philips Semiconductors references, use
the references to Nexperia, as shown below.
Instead of http://www.nxp.com, http://www.philips.com/ or http://www.semiconductors.philips.com/,
use http://www.nexperia.com
Instead of sales.addresses@www.nxp.com or sales.addresses@www.semiconductors.philips.com, use
salesaddresses@nexperia.com (email)
Replace the copyright notice at the bottom of each page or elsewhere in the document, depending on
the version, as shown below:
- © NXP N.V. (year). All rights reserved or © Koninklijke Philips Electronics N.V. (year). All rights
reserved
Should be replaced with:
- © Nexperia B.V. (year). All rights reserved.
If you have any questions related to the data sheet, please contact our nearest sales office via e-mail
or telephone (details via salesaddresses@nexperia.com). Thank you for your cooperation and
understanding,
Kind regards,
Team Nexperia


Similar Part No. - PMGD130UN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMGD175XN NEXPERIA-PMGD175XN Datasheet
1Mb / 16P
30 V, dual N-channel Trench MOSFET
PMGD175XNE NEXPERIA-PMGD175XNE Datasheet
727Kb / 16P
30 V, Dual N-channel Trench MOSFET
More results

Similar Description - PMGD130UN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMDXB600UNE NXP-PMDXB600UNE Datasheet
258Kb / 15P
20 V, dual N-channel Trench MOSFET
16 September 2013
PMDXB600UNE PHILIPS-PMDXB600UNE_15 Datasheet
257Kb / 15P
20 V, dual N-channel Trench MOSFET
1 July 2015
PMDPB30XN PHILIPS-PMDPB30XN_15 Datasheet
229Kb / 13P
20 V, dual N-channel Trench MOSFET
6 July 2012
logo
Nexperia B.V. All right...
PMDPB28UN NEXPERIA-PMDPB28UN Datasheet
970Kb / 16P
20 V, dual N-channel Trench MOSFET
PMDPB38UNE NEXPERIA-PMDPB38UNE Datasheet
335Kb / 14P
20 V dual N-channel Trench MOSFET
PMDPB42UN NEXPERIA-PMDPB42UN Datasheet
1Mb / 16P
20 V, dual N-channel Trench MOSFET
PMDXB600UNEL NEXPERIA-PMDXB600UNEL Datasheet
741Kb / 16P
20 V, dual N-channel Trench MOSFET
PMDPB30XN NEXPERIA-PMDPB30XN Datasheet
729Kb / 13P
20 V, dual N-channel Trench MOSFET
PMDXB290UNE NEXPERIA-PMDXB290UNE Datasheet
303Kb / 14P
20 V, dual N-channel Trench MOSFET
19 January 2023
PMDXB600UNE NEXPERIA-PMDXB600UNE Datasheet
734Kb / 15P
20 V, dual N-channel Trench MOSFET
1 July 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com