Electronic Components Datasheet Search
  English  ▼

X  

PMGD130UN Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PMGD130UN
Description  20 V, dual N-channel Trench MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMGD130UN Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PMGD130UN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMGD130UN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1.
Product profile
1.1 General description
Dual N-channel enhancement mode Field-Effect Transistor (FET) in a very small SOT363
Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.
1.2 Features and benefits
Low threshold voltage
Very fast switching
Trench MOSFET technology
1.3 Applications
Relay driver
High-speed line driver
Low-side loadswitch
Switching sircuits
1.4 Quick reference data
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for drain 6 cm2.
PMGD130UN
20 V, dual N-channel Trench MOSFET
Rev. 1 — 1 June 2012
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VDS
drain-source voltage
Tj = 25 °C
--20
V
VGS
gate-source voltage
-8
-
8
V
ID
drain current
VGS =4.5 V; Tamb =25°C; t ≤ 5 s
[1]
--1.3
A
Static characteristics (per transistor)
RDSon
drain-source on-state
resistance
VGS =4.5 V; ID = 1.2 A; Tj = 25 °C
-
118
145
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com