Electronic Components Datasheet Search
  English  ▼

X  

74AXP1T57 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74AXP1T57
Description  Dual supply configurable multiple function gate
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1T57 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74AXP1T57 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Nexperia
74AXP1T57
Dual supply configurable multiple function gate
74AXP1T57
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 5 — 3 July 2017
4 / 24
7 Functional description
Table 4. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
Supply voltage
Input
Output
VCCI
VCCO
C
B
A
Y
0.7 V to 2.75 V
1.2 V to 5.5 V
L
L
L
H
0.7 V to 2.75 V
1.2 V to 5.5 V
L
L
H
L
0.7 V to 2.75 V
1.2 V to 5.5 V
L
H
L
H
0.7 V to 2.75 V
1.2 V to 5.5 V
L
H
H
L
0.7 V to 2.75 V
1.2 V to 5.5 V
H
L
L
L
0.7 V to 2.75 V
1.2 V to 5.5 V
H
L
H
L
0.7 V to 2.75 V
1.2 V to 5.5 V
H
H
L
H
0.7 V to 2.75 V
1.2 V to 5.5 V
H
H
H
H
GND
1.2 V to 5.5 V
X
X
X
Z
0.7 V to 2.75 V
GND
X
X
X
Z
GND
GND
X
X
X
Z
7.1 Logic configurations
Table 5. Function selection table
Logic function
Figure
2-input AND
see Figure 6
2-input AND with both inputs inverted
see Figure 9
2-input NAND with inverted input
see Figure 7 and Figure 8
2-input OR with inverted input
see Figure 7 and Figure 8
2-input NOR
see Figure 9
2-input NOR with both inputs inverted
see Figure 6
2-input XNOR
see Figure 10
Inverter
see Figure 11
Buffer
see Figure 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com