Electronic Components Datasheet Search
  English  ▼

X  

74AXP1T57 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74AXP1T57
Description  Dual supply configurable multiple function gate
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1T57 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74AXP1T57 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
74AXP1T57
Dual supply configurable multiple function gate
Rev. 5 — 3 July 2017
Product data sheet
1 General description
The 74AXP1T57 is a dual supply configurable multiple function gate with Schmitt-trigger
inputs. It features three inputs (A, B and C), an output (Y) and dual supply pins (VCCI and
VCCO). The inputs are referenced to VCCI and the output is referenced to VCCO. All inputs
can be connected directly to VCCI or GND. VCCI can be supplied at any voltage between
0.7 V and 2.75 V and VCCO can be supplied at any voltage between 1.2 V and 5.5 V. This
feature allows voltage level translation. The 74AXP1T57 can be configured as any of the
following logic functions AND, OR, NAND, NOR, XNOR, inverter and buffer.
This device ensures very low static and dynamic power consumption across the entire
supply range and is fully specified for partial power down applications using IOFF. The
IOFF circuitry disables the output, preventing the potentially damaging backflow current
through the device when it is powered down.
2 Features and benefits
• Wide supply voltage range:
– VCCI: 0.7 V to 2.75 V
– VCCO: 1.2 V to 5.5 V
• Low input capacitance; CI = 0.6 pF (typical)
• Low output capacitance; CO = 1.8 pF (typical)
• Low dynamic power consumption; CPD = 0.6 pF at VCCI = 1.2 V (typical)
• Low dynamic power consumption; CPD = 7.1 pF at VCCO = 3.3 V (typical)
• Low static power consumption; ICCI = 0.5 μA (85 °C maximum)
• Low static power consumption; ICCO = 1.8 μA (85 °C maximum)
• High noise immunity
• Complies with JEDEC standard:
– JESD8-12A.01 (1.1 V to 1.3 V; A, B, C inputs)
– JESD8-11A.01 (1.4 V to 1.6 V)
– JESD8-7A (1.65 V to 1.95 V)
– JESD8-5A.01 (2.3 V to 2.7 V)
– JESD8-C (2.7 V to 3.6 V; Y output)
– JESD12-6 (4.5 V to 5.5 V; Y output)
• ESD protection:
– HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
– CDM JESD22-C101E exceeds 1000 V
• Latch-up performance exceeds 100 mA per JESD78D Class II
• Inputs accept voltages up to 2.75 V
• Low noise overshoot and undershoot < 10 % of VCCO
• IOFF circuitry provides partial power-down mode operation
• Multiple package options


Similar Part No. - 74AXP1T57

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP1T57-Q100 NEXPERIA-74AXP1T57-Q100 Datasheet
806Kb / 18P
Dual supply configurable multiple function gate
74AXP1T57DC-Q100 NEXPERIA-74AXP1T57DC-Q100 Datasheet
806Kb / 18P
Dual supply configurable multiple function gate
logo
NXP Semiconductors
74AXP1T57 PHILIPS-74AXP1T57_15 Datasheet
288Kb / 25P
Dual supply configurable multiple function gate
Rev. 1-3 August 2015
More results

Similar Description - 74AXP1T57

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AXP1T57 PHILIPS-74AXP1T57_15 Datasheet
288Kb / 25P
Dual supply configurable multiple function gate
Rev. 1-3 August 2015
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 1
logo
Nexperia B.V. All right...
74AXP1T57-Q100 NEXPERIA-74AXP1T57-Q100 Datasheet
806Kb / 18P
Dual supply configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com