Electronic Components Datasheet Search
  English  ▼

X  

74AXP1T57 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74AXP1T57
Description  Dual supply configurable multiple function gate
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1T57 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74AXP1T57 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1T57 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Nexperia
74AXP1T57
Dual supply configurable multiple function gate
74AXP1T57
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 5 — 3 July 2017
2 / 24
• Specified from -40 °C to +85 °C
3 Ordering information
Table 1. Ordering information
Package
Type number
Temperature
range
Name
Description
Version
74AXP1T57DC
-40 °C to +85 °C
VSSOP8 plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74AXP1T57GT
-40 °C to +85 °C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1 x 1.95 x 0.5 mm
SOT833-1
74AXP1T57GN
-40 °C to +85 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.2 x 1.0 x 0.35 mm
SOT1116
74AXP1T57GS
-40 °C to +85 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35 x 1.0 x 0.35 mm
SOT1203
74AXP1T57GX
-40 °C to +85 °C
X2SON8 plastic thermal enhanced extremely thin small outline
package; no leads; 8 terminals; body 1.35 x 0.8 x 0.35 mm
SOT1233
4 Marking
Table 2. Marking
Type number
Marking code [1]
74AXP1T57DC
rD
74AXP1T57GT
rD
74AXP1T57GN
rD
74AXP1T57GS
rD
74AXP1T57GX
rD
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5 Functional diagram
aaa-018525
Y
A
2
6
3
7
B
C
Figure 1.  Logic symbol
aaa-018526
Y
A
2
6
VCCI
VCCO
3
7
B
C
Figure 2.  Logic diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com