Electronic Components Datasheet Search
  English  ▼

X  

BAS116T Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAS116T
Description  Single low leakage current switching diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS116T Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAS116T Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BAS116T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 9 July 2012
2 of 10
NXP Semiconductors
BAS116T
Single low leakage current switching diode
3.
Ordering information
4.
Marking
5.
Limiting values
[1]
Pulse test: tp  300 s;  0.02.
[2]
Tj =25 C before surge.
[3]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BAS116T
SC-75
plastic surface-mounted package; 3 leads
SOT416
Table 4.
Marking codes
Type number
Marking code
BAS116T
ZY
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
-85
V
VR
reverse voltage
-
75
V
IF
forward current
[1] -215
mA
IFRM
repetitive peak forward
current
-500
mA
IFSM
non-repetitive peak
forward current
square wave
[2]
tp =1 s-
4
A
tp =1 ms
-
1
A
tp =1 s
-
0.5
A
Ptot
total power dissipation
Tamb  25 C
[3] -150
mW
Tj
junction temperature
-
150
C
Tamb
ambient temperature
55
+150
C
Tstg
storage temperature
65
+150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com