Electronic Components Datasheet Search
  English  ▼

X  

BAS116T Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BAS116T
Description  Single low leakage current switching diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS116T Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAS116T Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BAS116T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 9 July 2012
3 of 10
NXP Semiconductors
BAS116T
Single low leakage current switching diode
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Soldering point of cathode tab.
7.
Characteristics
[1]
Pulse test: tp  300 s;  0.02.
[2]
When switched from IF = 10 mA to IR =10mA; RL = 100 ; measured at IR =1mA.
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
833
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[2] -
-
350
K/W
Table 7.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
[1]
IF = 1 mA
--0.9
V
IF = 10 mA
--1
V
IF = 50 mA
--1.1
V
IF = 150 mA
--1.25
V
IR
reverse current
VR = 75 V
-
0.003 5
nA
VR =75V; Tj = 150 C-
3
80
nA
trr
reverse recovery
time
[2] -0.8
3
s
Cd
diode capacitance
VR =0V; f = 1MHz
-
2
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com