Electronic Components Datasheet Search
  English  ▼

X  

BAS116T Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # BAS116T
Description  Single low leakage current switching diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS116T Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button BAS116T Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 9Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
BAS116T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 9 July 2012
5 of 10
NXP Semiconductors
BAS116T
Single low leakage current switching diode
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
VR =75V
(1) Maximum values
(2) Typical values
f=1MHz; Tamb =25 C
Fig 4.
Reverse current as a function of junction
temperature
Fig 5.
Diode capacitance as a function of reverse
voltage; typical values
102
150
200
50
0
mlb754
100
10
1
10−1
10−2
10−3
IR
(nA)
Tj (°C)
(1)
(2)
mbg526
010
20
15
5
VR (V)
2
0
1
Cd
(pF)
(1) IR =1mA
Fig 6.
Reverse recovery time test circuit and waveforms
trr
(1)
+ IF
t
output signal
tr
tp
t
10 %
90 %
VR
input signal
V = VR + IF × RS
RS = 50 Ω
IF
D.U.T.
Ri = 50 Ω
SAMPLING
OSCILLOSCOPE
mga881



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com