Electronic Components Datasheet Search
  English  ▼

X  

VR5262X Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VR5262X
Description  Single Color phi 5 Flush Mount Round Shape Type
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VR5262X Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VR5262X Datasheet HTML 1Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 2Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 3Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 4Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 5Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 6Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 7Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 8Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Page 3
Absolute Maximum Ratings
2004.10.29
Single Color φ5 Flush Mount Round Shape Type
5362X Series
※1 IFRM Measurement condition : Pulse Width≦1ms., Duty≦1/20.
(Ta=25℃)
BG
P G
PY
AY
AA
VR
BR
PR
P ow e r Dissipa tion
P d
125
125
125
125
125
75
100
75
mW
F orwa rd Curre nt
IF
50
50
50
50
50
30
50
30
mA
Pulse Forw a rd
Curre nt
※ 1
IFRM
100
100
100
100
100
100
300
100
mA
De ra ting
(Ta=25℃ or hig he r)
⊿ IF
0.67
0.67
0.67
0.67
0.67
0.33
0.67
0.33
mA/℃
Re ve rse Volta g e
VR
444
4444
4
V
Ope ra ting
Temperature
T opr
℃
Stora g e
Temperature
T stg
℃
Ite m
S ymbol
Unit
Absolute Ma x imum Ra ting s
-30~ +85
-30~ +100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com