Electronic Components Datasheet Search
  English  ▼

X  

VR5262X Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # VR5262X
Description  Single Color phi 5 Flush Mount Round Shape Type
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VR5262X Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  VR5262X Datasheet HTML 1Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 2Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 3Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 4Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 5Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 6Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 7Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 8Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX.
A
0.60
1.20
2.0
4.0
3.0
6.0
2.0
4.0
2.0
4.0
2.0
4.0
2.0
4.0
0.40
0.80
B
0.84
1.68
2.8
5.6
4.2
8.4
2.8
5.6
2.8
5.6
2.8
5.6
2.8
5.6
0.56
1.12
C
1.20
2.40
4.0
8.0
6.0
12.0
4.0
8.0
4.0
8.0
4.0
8.0
4.0
8.0
0.80
1.60
D
1.68
3.36
5.6
11.2
8.4
16.8
5.6
11.2
5.6
11.2
5.6
11.2
5.6
11.2
1.12
2.24
E
2.40
-
8.0
-
12.0
-
8.0
-
8.0
-
8.0
-
8.0
-
1.60
-
※
Please contact our sales staff concerning rank designation.
IF=20mA
IV(mcd)
PR
IF=10mA
IF=20mA
IF=20mA
VR
IF=20mA
Rank
PG
PY
BR
BG
IF=20mA
IF=20mA
IF=20mA
AY
AA
Luminous Intensity Rank
Page 5
2004.10.29
Single Color φ5 Flush Mount Round Shape Type
5362X Series
(Ta=25℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com