Electronic Components Datasheet Search
  English  ▼

X  

VR5262X Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VR5262X
Description  Single Color phi 5 Flush Mount Round Shape Type
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VR5262X Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VR5262X Datasheet HTML 1Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 2Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 3Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 4Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 5Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 6Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 7Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 8Page - List of Unclassifed Manufacturers VR5262X Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Electro-Optical Characteristics(BG,PG,PY,AY,AA,VR,BR)
Page 4
2004.10.29
Single Color φ5 Flush Mount Round Shape Type
5362X Series
Conditions
BG
PG
PY
AY
AA
VR
BR
TYP.
2.12.1
2.12.2
2.22.0
1.7
MAX.
2.52.5
2.52.5
2.52.5
2.0
Reverse Current
VR=4V
IR
MAX.
100
100
100
100
100
100
100
μA
Peak Wavelength
IF=20mA
λp
TYP.
555
560
570
580
605
630
660
nm
Dominant
Wavelength
IF=20mA
λ
d
TYP.
558
567
572
590
606
624
647
nm
Spectral Line Half
Width
IF=20mA
⊿λ
TYP.
30
30
30
30
30
30
30
nm
Half Intensity
Angle
IF=20mA 2θ1/2
TYP.
100
104
100
104
101
104
120
deg.
Item
Symbol
Unit
Forward Voltage
IF=20mA
VF
V
Characteristics
(Ta=25℃)
Conditions
PR
TYP.
2.1
MAX.
2.8
Reverse Current
VR=4V
IR
MAX.
100
μA
Peak Wavelength IF=10mA
λp
TYP.
700
nm
Dominant
Wavelength
IF=10mA
λd
TYP.
630
nm
Spectral Line Half
Width
IF=10mA
⊿λ
TYP.
100
nm
Half Intensity
Angle
IF=10mA 2θ1/2 TYP.
101
deg.
Item
Symbol
Unit
Forward Voltage
IF=10mA
VF
V
Characteristics
Electro-Optical Characteristics(PR)
(Ta=25℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com