Electronic Components Datasheet Search
  English  ▼

X  

NCR401T Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # NCR401T
Description  10 mA LED driver in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NCR401T Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  NCR401T Datasheet HTML 1Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 2Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 3Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 4Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 5Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 6Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 7Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 8Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
NCR401T
10 mA LED driver in SOT23
NCR401T
All information provided in this document is subject to legal disclaimers.
Product data sheet
16 October 2015
3 / 12
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VSUP
supply voltage
-
18
V
VO
output voltage
VSUP = 18 V
-
16
V
VR
reverse voltage
[1]
-
0.5
V
[2]
-
270
mW
Ptot
total power dissipation
Tamb ≤ 25 °C
[3]
-
400
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Between all terminals.
[2] Device mounted on an FR4 Printed-Circuit Board (PCB); single-sided copper; tin-plated and standard
footprint.
[3] Device mounted on an FR4 PCB; single-sided copper; tin-plated and mounting pad for output 1 cm2.
0
40
80
160
Ptot
(mW)
(1)
(2)
500
0
400
120
300
200
100
mle128
Tamb (°C)
(1) FR4 PCB mounting pad for collector 1 cm2
(2) FR4 PCB, standard footprint
Fig. 1. Power derating curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com