Electronic Components Datasheet Search
  English  ▼

X  

NCR401T Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # NCR401T
Description  10 mA LED driver in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NCR401T Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  NCR401T Datasheet HTML 1Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 2Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 3Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 4Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 5Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 6Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 7Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 8Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
NCR401T
10 mA LED driver in SOT23
NCR401T
All information provided in this document is subject to legal disclaimers.
Product data sheet
16 October 2015
5 / 12
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IO
output current
VSUP = 10 V; VO = 8.6 V; Tamb = 25 °C;
pulsed; tp ≤ 300 µs; δ ≤ 0.02
8.5
10
11.5
mA
IGND
ground current
VSUP = 10 V; IO = 0 A; Tamb = 25 °C;
pulsed; tp ≤ 300 µs; δ ≤ 0.02
340
420
500
µA
V(VSUP-VO)min
minimum voltage
between supply
voltage and output
voltage
IO > 8.5 mA; Tamb = 25 °C; pulsed;
tp ≤ 300 µs; δ ≤ 0.02
-
1.4
-
V
ΔIO/
(IO×ΔTamb)
relative output current
variation with ambient
temperature
VSUP = 10 V; VO = 8.6 V; Tamb = 25 °C;
pulsed; tp ≤ 300 µs; δ ≤ 0.02
-
-0.3
-
%/K
ΔIO/
(IO×ΔVSUP)
relative output current
variation with supply
voltage
VSUP = 10 V; VSUP - VO = 1.4 V;
Tamb = 25 °C; pulsed; tp ≤ 300 µs;
δ ≤ 0.02
-
0.8
-
%/V
VSUP (V)
0
20
15
5
10
aaa-019589
5
10
15
IO
(mA)
0
VSUP - VO = 1 V
VSUP - VO = 1.4 V
VSUP - VO = 2 V
Tamb = 25 °C
Fig. 3. Output current as a function of supply voltage;
typical values
VSUP (V)
0
20
15
5
10
aaa-019590
5
10
15
IO
(mA)
0
Tamb = 85 °C
Tamb = -40 °C
Tamb = 25 °C
VSUP - VO = 1.4 V
Fig. 4. Output current as a function of supply voltage;
typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com