Electronic Components Datasheet Search
  English  ▼

X  

NCR401T Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # NCR401T
Description  10 mA LED driver in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NCR401T Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button NCR401T Datasheet HTML 2Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 3Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 4Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 5Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 6Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 7Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 8Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 9Page - Nexperia B.V. All rights reserved NCR401T Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
NCR401T
10 mA LED driver in SOT23
NCR401T
All information provided in this document is subject to legal disclaimers.
Product data sheet
16 October 2015
6 / 12
VSUP (V)
0
20
15
5
10
aaa-019591
0.4
0.8
1.2
IGND
(mA)
0
Tamb = 85 °C
Tamb = -40 °C
Tamb = 25 °C
IO = 0 A
Fig. 5. Ground current as a function of supply voltage; typical values
11. Application information
Fig. 6 shows a typical application circuit for an LED driver. The constant current ensures
a constant LED brightness. The output current slightly decreases when the power load at
the LED driver increases. This effect is due to self heating of the device and the negative
thermal coefficient of the output current.
aaa-019594
VSUP
VO
IO
LED
GND
Fig. 6. LED driver application diagram
The output can be switched ON and OFF by connecting a Resistor-Equipped Transistor
(RET), e.g. PDTC124XU; see Fig. 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com