Electronic Components Datasheet Search
  English  ▼

X  

PMEG2002ESF Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PMEG2002ESF
Description  20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMEG2002ESF Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PMEG2002ESF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Nexperia
PMEG2002ESF
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG2002ESF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved
Product data sheet
10 March 2017
4 / 13
aaa-006824
tp (s)
10-3
102
103
10
1
10-2
10-1
102
103
Zth(j-a)
(K/W)
10
duty cycle =
1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB, mounting pad for anode and cathode 1 cm2 each
Fig. 2. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
aaa-006825
tp (s)
10-3
102
103
10
1
10-2
10-1
102
Zth(j-a)
(K/W)
10
duty cycle = 1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
Ceramic PCB, Al2O3, standard footprint
Fig. 3. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 0.1 mA; tp ≤ 300 µs; δ ≤ 0.02 ;
pulsed; Tj = 25 °C
-
185
250
mV
IF = 1 mA; tp ≤ 300 µs; δ ≤ 0.02 ;
pulsed; Tj = 25 °C
-
245
320
mV
IF = 10 mA; tp ≤ 300 µs; δ ≤ 0.02 ;
pulsed; Tj = 25 °C
-
310
380
mV
VF
forward voltage
IF = 100 mA; tp ≤ 300 µs; δ ≤ 0.02 ;
pulsed; Tj = 25 °C
-
390
450
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com