Electronic Components Datasheet Search
  English  ▼

X  

PMEG2002ESF Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PMEG2002ESF
Description  20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMEG2002ESF Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PMEG2002ESF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Nexperia
PMEG2002ESF
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG2002ESF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved
Product data sheet
10 March 2017
5 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 200 mA; tp ≤ 300 µs; δ ≤ 0.02 ;
pulsed; Tj = 25 °C
-
435
490
mV
VR = 6 V; Tj = 25 °C
-
0.26
1.5
µA
VR = 10 V; Tj = 25 °C
-
0.37
-
µA
IR
reverse current
VR = 20 V; Tj = 25 °C
-
0.88
3.5
µA
VR = 1 V; f = 1 MHz; Tj = 25 °C
-
25
-
pF
Cd
diode capacitance
VR = 10 V; f = 1 MHz; Tj = 25 °C
-
9
-
pF
trr
reverse recovery time
IF = 200 mA; IR = 200 mA;
IR(meas) = 40 mA; Tj = 25 °C
-
1.9
-
ns
aaa-006826
10-2
10-3
1
10-1
10
IF
(A)
10-4
VF (V)
0
1.0
0.8
0.4
0.6
0.2
(1)
(2)
(3)
(4)
(1) Tj = 125 °C
(2) Tj = 85 °C
(3) Tj = 25 °C
(4) Tj = −40 °C
Fig. 4. Forward current as a function of forward
voltage; typical values
aaa-006827
10-3
10-4
10-5
10-6
10-7
10-8
10-9
10-10
IR
(A)
10-11
VR (V)
0
20
15
5
10
(1)
(2)
(3)
(4)
(1) Tj = 125 °C
(2) Tj = 85 °C
(3) Tj = 25 °C
(4) Tj = −40 °C
Fig. 5. Reverse current as a function of reverse
voltage; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com