Electronic Components Datasheet Search
  English  ▼

X  

PMEG2002ESF Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PMEG2002ESF
Description  20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMEG2002ESF Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PMEG2002ESF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 11Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 12Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 13Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Nexperia
PMEG2002ESF
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG2002ESF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved
Product data sheet
10 March 2017
10 / 13
13. Soldering
Footprint information for reflow soldering of leadless ultra small package; 2 terminals
SOD962-2
sod962-2_fr
occupied area
solder paste
solder lands
Dimensions in mm
14-06-12
16-02-01
0.676
0.16
0.2
0.4
0.2
0.2
0.256
0.256
0.6
0.85
0.28
0.4
Fig. 16. Reflow soldering footprint for DSN0603-2 (SOD962-2)
14. Revision history
Table 8. Revision history
Data sheet ID
Release date
Data sheet status
Change notice
Supersedes
PMEG2002ESF v.2
20131008
Product data sheet
-
PMEG2002ESF v.1
Modifications:
• Product status changed
PMEG2002ESF v.1
20130301
Objective data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com