Electronic Components Datasheet Search
  English  ▼

X  

3208553 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3208553
Description  Protective conductor double-level terminal block - PTTB 1,5/S-PE/L
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3208553 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3208553 Datasheet HTML 1Page - PHOENIX CONTACT 3208553 Datasheet HTML 2Page - PHOENIX CONTACT 3208553 Datasheet HTML 3Page - PHOENIX CONTACT 3208553 Datasheet HTML 4Page - PHOENIX CONTACT 3208553 Datasheet HTML 5Page - PHOENIX CONTACT 3208553 Datasheet HTML 6Page - PHOENIX CONTACT 3208553 Datasheet HTML 7Page - PHOENIX CONTACT 3208553 Datasheet HTML 8Page - PHOENIX CONTACT 3208553 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
https://www.phoenixcontact.com/us/produkte/3208553
07.05.2013   Page 1 / 17
Protective conductor double-level terminal block - PTTB 1,5/S-PE/
L - 3208553
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Protective conductor double-level terminal block, Cross section:  0.14 mm² - 1.5 mm², AWG: 26 - 14, Connection
type: Push-in connection, Width: 3.5 mm, Color: gray, Mounting type: NS 35/7.5, NS 35/15
Product Features
 The push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free wiring
of conductors with ferrules or solid conductors
 The compact design and front connection enable wiring in a confined space
 In addition to the testing facility in the double function shaft, all terminal blocks provide an additional test connection
 
Key commercial data
Packing unit
1 PCE
GTIN
Custom tariff number
85369010
Country of origin
POLAND
Technical data
General
Number of levels
2
Number of connections
4
Color
gray
Insulating material
PA
Inflammability class according to UL 94
V0
Dimensions
Width
3.5 mm
Length
65.4 mm


Similar Part No. - 3208553

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
32085 WIHA-32085 Datasheet
418Kb / 1P
Insulated 1/2” Drive Inch Sockets
logo
PHOENIX CONTACT
3208511 PHOENIX-3208511 Datasheet
162Kb / 17P
Double-level terminal block - PTTB 1,5/S
3208524 PHOENIX-3208524 Datasheet
159Kb / 16P
Double-level terminal block - PTTB 1,5/S BU
3208537 PHOENIX-3208537 Datasheet
160Kb / 16P
Protective conductor double-level terminal block - PTTB 1,5/S-PE
3208540 PHOENIX-3208540 Datasheet
92Kb / 7P
Double-level terminal block - PTTB 1,5/S-PV
More results

Similar Description - 3208553

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3208511 PHOENIX-3208511 Datasheet
162Kb / 17P
Double-level terminal block - PTTB 1,5/S
3208524 PHOENIX-3208524 Datasheet
159Kb / 16P
Double-level terminal block - PTTB 1,5/S BU
3208537 PHOENIX-3208537 Datasheet
160Kb / 16P
Protective conductor double-level terminal block - PTTB 1,5/S-PE
3208540 PHOENIX-3208540 Datasheet
92Kb / 7P
Double-level terminal block - PTTB 1,5/S-PV
3208544 PHOENIX-3208544 Datasheet
83Kb / 5P
Double-level terminal block - PTTB 1,5/S-L/N
3208566 PHOENIX-3208566 Datasheet
159Kb / 16P
Protective conductor double-level terminal block - PTTB 1,5/S-PE/N
3209621 PHOENIX-3209621 Datasheet
188Kb / 23P
Protective conductor double-level terminal block - PTTBS 2,5-PE/L
3211854 PHOENIX-3211854 Datasheet
96Kb / 6P
Protective conductor double-level terminal block - PTTB 4-PE
3205132 PHOENIX-3205132 Datasheet
246Kb / 20P
Protective conductor double-level terminal block - QTTCB 1,5-PE
3210978 PHOENIX-3210978 Datasheet
639Kb / 28P
Protective conductor double-level terminal block - PTTB 2,5-PE/L
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com