Electronic Components Datasheet Search
  English  ▼

X  

3208553 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 3208553
Description  Protective conductor double-level terminal block - PTTB 1,5/S-PE/L
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3208553 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 3208553 Datasheet HTML 9Page - PHOENIX CONTACT 3208553 Datasheet HTML 10Page - PHOENIX CONTACT 3208553 Datasheet HTML 11Page - PHOENIX CONTACT 3208553 Datasheet HTML 12Page - PHOENIX CONTACT 3208553 Datasheet HTML 13Page - PHOENIX CONTACT 3208553 Datasheet HTML 14Page - PHOENIX CONTACT 3208553 Datasheet HTML 15Page - PHOENIX CONTACT 3208553 Datasheet HTML 16Page - PHOENIX CONTACT 3208553 Datasheet HTML 17Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
https://www.phoenixcontact.com/us/produkte/3208553
07.05.2013   Page 13 / 17
Protective conductor double-level terminal block - PTTB 1,5/S-PE/
L - 3208553
Accessories
Jumper - FBS 5-3,5 BU - 3213112
Jumper, Number of positions: 5, Color: blue
 
 
Jumper - FBS 10-3,5 BU - 3213125
Jumper, Number of positions: 10, Color: blue
 
 
Jumper - FBS 20-3,5 BU - 3213138
Jumper, Number of positions: 20, Color: blue
 
 
Covers
End cover - D-PTTB 1,5/S - 3208579
End cover, Length: 65.4 mm, Width: 2.2 mm, Height: 34.9 mm, Color: gray
 
 
Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com